Part Number Hot Search : 
MB90V 0831048 BC847BV1 T2802B 79L05 5KE10 IRF640B SD5000
Product Description
Full Text Search
 

To Download 1SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Diode
*150mW DO-34 * Glass silicon switching diodes * We declare that the material of product compliance with RoHS requirements.
1SS110
Product Characteristic Absolute Maximum Ratings(Ta=25C)
Type 1SS110 VR(V) 35 IF(mA) 100 Pd(mW) 150 Topr() -20~+60 Tstg() -55~+125
Characteristics at Ta = 25C
Parameter Symbol Forward Voltage at IF=100mA Leakage Current at VR=25V Breakdown Voltage at IR=10uA Capacitance at VR = 6V f =1MHZ Forward resistance at IF=2mA f=100MHz Inductance at f=250MHZ symbol VF IR V(BR)R CT rj Ls MIN 35 TYPE 3 MAX 1.0 0.1 1.2 0.9 Unit V uA V pF nH
LESHAN RADIO COMPANY, LTD.
Packing
Taping / Box(T52)


▲Up To Search▲   

 
Price & Availability of 1SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X